Part Number Hot Search : 
31ACD UDA1361 IRF6721 TC1920 12500 NZH27C D1162 Z10CP
Product Description
Full Text Search
 

To Download BCM4780 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM4780P
(R)
NASOCTM NETWORK ATTACHED STORAGE PROCESSOR
FEATURES * Advanced 400 DMIPS / 300 MHz MIPS32TM CPU core
* 16 KB I-cache, 16 KB D-cache, and 1 KB prefetch cache * MMU/TLB Support for Linux(R) * 10/100 Ethernet MAC with MII for LAN connectivity * PCI 2.3 host interface (32 bit / 33 MHz)
SUMMARY OF BENEFITS * Turnkey software and hardware provide the following benefits
* * * * * * * * * * * * * * Plug-and-Play Auto-discovery User-transparent TwinCopyTM RAID1 technology Stressless Hot-Swap, Online-Build, Online-Merge, OnlineRepair Real-time encryption ensures data confidentiality Simultaneous NFS/CIFS support Simultaneous Wired & Wireless LAN accesses Advanced QoS supports media playback/record High-level RAID0,1,10 independent of drive types Powerful volume management features Simple yet advanced File Access Control (ACL) Advanced journaling file system S.M.A.R.T. monitoring and report 12 Mbps USB 1.1 compliant host/device interface enables expansion for Print Server, USB drives for seamless upgrade of hard disks & backup, UPS
* 12 Mbps USB 1.1 host and device interface * GPIO interface * SDRAM controller
* 32 bit / 133 MHz SDRAM controller * SDR and DDR support * 8 MB to 512 MB capacity * Encryption/Decryption block * 3DES-CBC, DES-CBC * AES-CBC, AES-CTR with 128, 192, and 256 bit keys * MD5, SHA1, HMAC-MD5, HMAC-SHA1 * SSL-MAC-MD5, SSL-MAC-SHA1, TLS-MAC-MD5, TLSMAC-SHA1 16-bit external interface bus *
* Dual 16550 compatible UART * 0.13 low-power 1/2/3.3V design
BCM4780P System Diagram
BCM4780
SATA or IDE SATA or IDE SATA or IDE SATA or IDE
8 MB-512 MB 133-M Hz SDR/DDR SDRAM
802.11a/b/g
Wireless LAN
GPIO
PCI 2.3 Host
USB 1.1 Host / Device
2 MB-32 MB Flash Memory
SDRAM I/F
300-MHz MIPS32 Core with MMU
External Interface Bus UART
ODD
10/100 MAC
Encryption/ Decryption
AC101L
Magnetics 10/100 LAN
AC101L
RJ-45
OVERVIEW
BCM4780P Block Diagram
BCM4780
EJTAG USB Device Controller USB Connectors Two-Port USB Host Controller
PCI Interface
48 MHz Crystal Timer Interrupt Ctrl Mult/Acc MMU MIPS32 Core Bus I/F I-Cache (16 KB) Cache Controller
+ 1 KB Prefetch Cache
PLL
SDRAM Interface
D-Cache (16 KB)
Internal Bus
External Interface Bus
UART
Encryption/ Decryption Clock
10/100 MAC
GPIO Port Flash IDE LAN
The Broadcom NASoC BCM4780P processor is a high-performance, low-power chip designed for low and medium NAS products. The BCM4780P has an advanced custom 400 DMIPS / 300 MHz MIPS32TM core with a 2-way set associative 16 KB instruction cache, a 16 KB data cache, a 1 KB prefetch cache, and a 10/100 Ethernet MAC. An integrated MMU with a 32-entry TLB allows support of multithreaded operating systems such as standard distribution Linux. The BCM4780P provides simultaneous PCI 2.3 host interface, expansion host interface, and USB 1.1 host/device interface operation for adding application-specific peripherals - including Broadcom's BCM4309 IEEE 802.11a/g dual-band processor, the BCM4306 IEEE
802.11g processor, the BCM4301 IEEE 802.11b processor, and an external ATA/SATA controller. The PCI 2.3 host interface allows enumeration of three external PCI peripherals (or more, with an external arbiter) for platform expansion. The external interface bus allows expansion of up to four devices without external address decoding. The BCM4780P is capable of hosting two USB 1.1 compliant devices (a two port hub is integrated), allowing platform expansion by end users, and it can implement USB print server functionality. In addition, the USB interface can be configured as a USB device (instead of as a host) to support applications where the BCM4780P-based system is added to legacy systems.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 4780P-PB00-R 11/3/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com
SDRAM


▲Up To Search▲   

 
Price & Availability of BCM4780

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X